| データシートサーチシステム |
|
73VR2106-N-R データシート(PDF) 18 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
73VR2106-N-R データシート(HTML) 18 Page - M-System Co.,Ltd. |
|
18 / 18 page ![]() MODEL: 73VR21 73VR21 SPECIFICATIONS ES-7395 Rev.29 Page 18/18 https://www.m-system.co.jp/ ■ STORABLE TIME DURATION IN 1GB CF CARD STORING RATE APPROXIMATE TIME DURATION 2 ch input 4 ch input 6 ch input 8 ch input 10 ch input 12 ch input 0.1 seconds 71 days 46 days 35 days 27 days 22 days 19 days 0.5 seconds 355 days 231 days 178 days 141 days 113 days 97 days 1 second 1 year, 351 days 1 year, 97 days 357 days 273 days 227 days 195 days 10 seconds --- --- 9 years, 219 days 7 years, 176 days 6 years, 86 days 5 years, 126 days 1 minute --- --- --- --- --- --- --- : Exceeds 10 years Note 1: Data are calculated ones, and thus not guaranteed. Note 2: Assuming 4 bytes per data per channel. Note 3: A year is calculated as 365 days. SYSTEM CONFIGURATION EXAMPLES • Ethernet Connection Ethernet Ethernet Card Reader CF Card ■ INTERFACING WITH A PC • Reading Data from CF Card ■ INDEPENDENTLY USED Paperless Recorder (models: 73VR21x) Data Viewer (model: 73VRWV) PC Recorder Software (model: MSR128) Paperless Recorder (models: 73VR21x) Paperless Recorder (models: 73VR21x) Note: It is recommended to connect the 73VR21x to the PC using straight cables via a switch/hub on the Ethernet. Switch / Hub Specifications are subject to change without notice. |