| データシートサーチシステム |
|
73VR2112-N-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
73VR2112-N-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 18 page ![]() MODEL: 73VR21 73VR21 SPECIFICATIONS ES-7395 Rev.29 Page 4/18 https://www.m-system.co.jp/ Line noise normal mode rejection: ≥ 100 dB Magnitude of the effects of normal mode 50/60 Hz noise, with the most appropriate line noise filter frequency setting. Each input circuit has a CR filter of sufficient large time constant so that there will be little effect of line noise such as 500 mV AC superposed on a thermocouple or ±60 mV input. Common mode noise rejection Magnitude of the effects of voltages applied across the terminal C and the ground terminal when there is no potential difference among all the C terminals. DC: N/A AC, ±3 V, ±6 V, ±12 V: Approx. 86 dB AC, other ranges: Approx. 120 dB Common mode noise rejection between channels Magnitude of the effects of DC/50/60 Hz voltages applied across the terminals C of the present and the last scanned channels. DC, ±3 V, ±6 V, ±12 V: Approx. 100 dB DC, other ranges: Approx. 120 dB AC, ±3 V, ±6 V, ±12 V: Approx. 86 dB AC, other ranges: Approx. 106 dB STANDARDS & APPROVALS EU conformity: (M2 AC power of desktop type does not conform to EU directive) EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Installation Category II Pollution Degree 2 Input 1 or 2 or 3 or 4 or 5 or 6 or 7 or 8 or 9 or 10 or 11 or 12 to power to FG or Ethernet: Reinforced insulation (300 V) RoHS Directive |