| データシートサーチシステム |
|
ALSP-211-C/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
ALSP-211-C/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: ALSP ALSP SPECIFICATIONS ES-2756 Rev.8 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW No.1 Setpoint Rotary SW (x10%) No.1 Setpoint Rotary SW (x1%) No.2 Setpoint Rotary SW (x10%) No.2 Setpoint Rotary SW (x1%) No.1 LED No.2 LED EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 |