| データシートサーチシステム |
|
DLS データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLS データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 10 page ![]() MODEL: DLS http://www.m-system.co.jp/ DLS SPECIFICATIONS ES-6515 Rev.18 Page 4/10 unit (0.5 sec.) [example] Modem type /M5A (1200 bps) 2 × 12 ÷ 1200 + 0.5 = 0.52 (sec.) 3. Total Transmission Time per Unit The above (1) transmission time and (2) & (3) Start-/End-of transmission time must be added to calculate the total transmission time required by one DLS unit. Total transmission time per unit = (start-of-transmission time) + (transmission time) + (end-of-transmission time) [example] Station A: S1 and A1 units Station B: S1 and C1 units Modem type /M5A (1200 bps) •Station A transmission time 0.12 + (1.18 + 0.8) + 0.52 = 2.62 (sec.) •Station B transmission time 0.12 + (1.18 + 0) + 0.52 = 1.82 (sec.) 4. Overall Transmission Cycle The overall transmission cycle is determined as the time required by one DLS unit starting transmission before the next transmission. Overall transmission cycle = Station A total transmission time + Station B total transmission time [example] Station A: S1 and A1 units Station B: S1 and C1 units Modem type /M5A (1200 bps) 2.62 + 1.82 = 4.44 (sec.) The time required for the input signals to be output at the output unit varies according to the exact moment of input. •Minimum (Station A input to Station B output) = Station A total transmission time per unit = 2.62 (sec.) •Maximum (Station A input ot Station B output) = Overall transmission cycle + Station A total tansmission time per unit = 7.06 (sec.) Therefore, the time required for a Station A input to be output at the Station B varies between 2.62 and 7.06 seconds as far as there is no transmission error. |