| データシートサーチシステム |
|
F2AP-31-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
F2AP-31-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: F2AP F2AP SPECIFICATIONS ES-5436 Rev.6 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 1 2 3 4 5 6 7 8 107 (4.21) [1.5 (.06)] DIN RAIL 35mm wide 22.5 (.89) • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation *Input shunt resistor incorporated for current input. INPUT 1 Output Driver 2 3 4 + – 5 6 Divider OUTPUT Low Drift Amplifier Output Connection Examples Volt. / Freq. Converter Z S + – POWER 7 8 * + – 5 6 + – Open Collector + – 5 6 + – Voltage Pulse Specifications are subject to change without notice. |