| データシートサーチシステム |
|
51U-3C3-R3 データシート(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
51U-3C3-R3 データシート(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 16 page ![]() MODEL 51U-1 MODEL & SUFFIX CODE SELECTION SINGLE-PHASE / 3-WIRE CONNECTION ORDERING INFORMATION Specify code number. (e.g. 51U-1D4-M1) CONNECTION DIAGRAM 1S V3 V2 V1 1L 3S CH1 CH2 CH3 Dis PN E 3L Output Input Power ■ POWER N PE DC or AC POWER TERMINATOR RS-485 DISPLAY SWITCHING POWER Dis. – + SL •RS-485 Close across the terminator when the unit is located at the end of transmission line. DISPLAY SIWTCHING POWER Dis. Ter •Without Outputs ■ OUTPUT •4 – 20mA DC, 3 points (See the following pages.) •4 – 20mA DC, 2 points + pulse 1 point (See the following pages.) •4 – 20mA DC, 2 points + reset input (See the following pages.) 51U–1❑❑–❑❑ MODEL INPUT (balanced) 1 : Single-phase / 3-wire, 105V / 210V / 5A AC DISPLAY ITEMS A :A × 3 B :V × 3 C :A × 3, V × 3 D :A × 3, V × 3, kW E :A × 3, V × 3, kWh F :A × 3, kW, kWh J :A × 3, DA, MDA K :A × 3 or DA, MDA, alarm setpoint L : Hz, PF, kW M :PF, kW, kWh N :V × 3, kW, kWh P :A × 3 or DA or MDA, V × 3, kWh Q :A × 3, PF, kW S :A × 3 or PF, kW, kWh U :V × 3, Hz W :A × 3 or DA or MDA, V × 3, alarm setpoint Y : Hz, PF, kWh V = Line voltage A = Line current kW = Kilowatt kWh = Kilowatthours PF = Power factor Hz = Frequency DA = Demand (current) MDA = Maximum demand (current) OUTPUT (selectable display items codes) 0 : None (J K W with reset input) 1 :4 – 20mA DC, 3 points (A B C D L Q U) 2 :4 – 20mA DC, 2 points + pulse (E F M N P) 3 :4 – 20mA DC, 2 points + reset input (J) 4 : RS-485 (all codes selectable except K W) AUXILIARY POWER SUPPLY M : 85 – 264V AC R : 24V DC P :110V DC REMOTE CONTROL 1 : 85 – 132V AC or 85 – 143V DC 2 : 20 – 30V DC 3 : 170 – 264V AC 1S V2 VN V1 1L 2S 2L 1S 1L 2S 2L V2 VN V1 ■ INPUT VN V1 V2 CT 2 N 1 kl KL 2S 2L kl KL 1S 1L C, D, E, F, L, M, N, P, Q, S, W, Y Suffix Codes A, J, K (measuring current only) B, U (measuring voltage only) P. 7 / 16 ES-6481 Rev.9 |