| データシートサーチシステム |
|
ALTG-513-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
ALTG-513-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: ALTG ALTG SPECIFICATIONS ES-2739 Rev.8 Page 2/4 http://www.m-system.co.jp/ – 99 % independently; 1 % increments Hysteresis (deadband): 0.7 – 2.5 % Front LEDs: Red LED turns on when the coil is energized. Power ON timer: Relays de-energized for approx. 2 seconds after power is turned on. INPUT SPECIFICATIONS • AC Voltage: 0 – 250 V AC Minimum span: 50 mV Frequency: 15 Hz min., 1 kHz max. with 100 % input Input resistance: ≥ 100 kΩ OUTPUT SPECIFICATIONS ■ Relay Contact: 100 V AC @ 1 A (cos ø = 1) 120 V AC @ 1 A (cos ø = 1) 240 V AC @ 0.5 A (cos ø = 1) 30 V DC @ 1 A (resistive load) Maximum switching voltage: 380 V AC or 125 V DC Maximum switching power: 120 VA or 30 W Minimum load: 5 V DC @ 10 mA Mechanical life: 5 x 107 cycles For maximum relay life with inductive loads, external protection is recommended. Output Code: 1 & 4: Terminals 1 – 2, 9 – 10 turn ON Alarm Trip Operation Terminal No. in parentheses Trip Operation in Power Failure • • Output Code: 2 & 3: Terminals 1 – 3, 9 – 11 turn ON 0 50 100 ▲ Input (%) Output 2 Setpoint ▲ Output 1 Setpoint Output 1 (9-10)ON Output 2 (1-2)ON (1-3)ON (9-11)ON INSTALLATION Power input • AC: Operational voltage range: rating ±10 %, 50/60 ±2 Hz, approx. 2 VA • DC: Operational voltage range: rating ±10 %, or 85 – 150 V for 110 V rating (ripple 10 % p-p max.) approx. 2 W (80 mA at 24 V) Operating temperature: -5 to +60°C (23 to 140°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 370 g (0.82 lb) PERFORMANCE in percentage of span Setpoint accuracy: ±0.9 % Trip point repeatability: ±0.05 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Response time: Approx. 0.5 sec. (0 – 100 % at 90 % setpoint) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output 1 to output 2 to power to ground) |