| データシートサーチシステム |
|
ST8024CDR データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST8024CDR データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 23 page ![]() ST8024 4/23 Table 3: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Note 1: All card contacts are protected against any short with any other card contact. Note 2: Method 3015 (HBM, 1500 Ω, 100 pF) 3 positive pulses and 3 negative pulses on each pin referenced to ground. Table 4: Thermal Data RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VDD, VDDP Supply Voltage -0.3 7 V Vn1 Voltage on pins XTAL1, XTAL2, 5V/3V, RSTIN, AUX2UC, AUX1UC, I/OUC, CLKDIV1, CLKDIV2, PORADJ, CMDVCC, PRES, PRES and OFF -0.3 VDD + 0.3 V Vn2 Voltage on card contact pins I/O, RST, AUX1, AUX2 and CLK -0.3 VCC + 0.3 V Vn3 Voltage on pins VUP, S1 and S2 9V ESD1 MIL-STD-883 class 3 on card contact pins, PRES and PRES (Note 1, 2) -6 6 kV ESD2 MIL-STD-883 class 2 on µC contact pins and RSTIN (Note 1, 2) -2 2 kV Symbol Parameter Condition Value Unit Rthj-amb Thermal Resistance Junction-ambient Temperature In free air 70 K/W Symbol Parameter Min. Typ. Max. Unit TA Temperature Range -25 85 °C |