| データシートサーチシステム |
|
MAX17843ACB データシート(PDF) 85 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17843ACB データシート(HTML) 85 Page - Maxim Integrated Products |
|
85 / 131 page ![]() For MAX17843, Maxim design team added a digital offset trim to improve ADC accuracy. Because it is calculated after the ADCTST data insertion, it will show up as an offset to any ADCTST diagnostic. The offset value will be constant for a given part, but varies from part to part. Table 45 gives the mapping of expected read from the diagnostic and block register. AUXINn Open Diagnostic The AUXINn open diagnostic can be used to detect if the AUXINn pin is open circuit. The diagnostic procedure is shown in Figure 56 and Figure 57. Table 45. Expected ALU Diagnostic and Block Register Results Figure 56. AUXINn Open Diagnostic ALU DIAGNOSTIC RESULT WHEN ADCTSTST = 1, DIAGSEL = 6 OS SETTING OVERSAMPLING DIAGNOSTIC DATA ALU 000 1 ADCTST1A x 4 001–111 4–128 [ADCTST1A + ADCTST2A] x 2 ALU DIAGNOSTIC RESULT WHEN ADCTSTST = 1, DIAGSEL = 4, 5 OS SETTING OVERSAMPLING DIAGNOSTIC DATA ALU 000 1 ADCTST1B x 4 001–111 4–128 [ADCTST1B + ADCTST2B] x 2 ALU DIAGNOSTIC RESULT WHEN ADCTSTST = 1, DIAGSEL = 1, 2, 3 OS SETTING OVERSAMPLING DIAGNOSTIC DATA ALU 000 1 [ADCTST1A + ADCTST1B] x 2 001–111 4–128 [ADCTST1A + ADCTST1B ADCTST2A + ADCTST2B] ALU BLOCK RESULT WHEN ADCTSTST = 1 OS SETTING OVERSAMPLING DIAGNOSTIC DATA ALU 000 1 [ADCTST1A + ADCTST1B] x 2 001–111 4–128 [ADCTST1A + ADCTST1B ADCTST2A + ADCTST2B] AGND AUXINn THERMISTOR RFILTER CONTROLLED BY AUXIN nTSTEN AND CTSTSRC SET BY CTSTDAC[3:0] VAA AGND TEST THIS NODE FOR AN OPEN CIRCUIT TO LVMUX CFILTER RRATIO VTHRM t MAX17843 12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface www.maximintegrated.com Maxim Integrated │ 85 |