| データシートサーチシステム |
|
KCE-5G-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KCE-5G-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: KCE KCE SPECIFICATIONS ES-3542 Rev.2 Page 2/3 http://www.m-system.co.jp/ INPUT SPECIFICATIONS Operational range: 0 – 120 % of rating Frequency: 50 or 60 Hz Input burden: 0.1 VA (input 0 – 1 A) 0.5 VA (input 0 – 5 A) Overload capacity: 1000 % of rating for 3 sec., 200 % for 10 sec., 120 % continuous OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 12 V max. ■ DC Voltage: -10 – +12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 10 mA max.; 5 mA for negative voltage output; at ≥ 0.5 V 5 OUT 10V s OPERATION DIAGRAM (example) 0 2.5 5A IN 0 12 OUT 20mA 4 2.5 5A IN 0 INSTALLATION Auxiliary power supply •AC: Operational voltage range: rating -15/+10 %, 50/60 Hz, approx. 2 VA •DC: Operational voltage range: rating ±10 %, or 85 – 150 V for 110 V rating, ripple 10 %p-p max., approx. 2 W (18 mA at 110 V) Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 85 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 350 g (0.77 lb) PERFORMANCE in percentage of span Accuracy: ±0.3 % (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz) Response time: ≤ 1 sec. (0 – 100 % ±1 %) Ripple: 0.5 %p-p max. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to auxiliary power to ground) Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV (input to output or ground) |