| データシートサーチシステム |
|
VSC8201DL データシート(PDF) 13 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8201DL データシート(HTML) 13 Page - Vitesse Semiconductor Corporation |
|
13 / 21 page ![]() VSC8201DL Rev. 1.6.3 - 9/29/04 VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION - Page 13 of 21 - Method II - RGMII Implementation Using the Internal Clock Delay Feature In this mode the internal clock delay feature is used i.e. MII Register bit 23.8 is set. Board Layout Benefits • Does not require an external 2.5v supply, thereby reducing system cost. • Does not require any additional delays on the TXC and RXC traces. Drawbacks • Needs extra board space for the additional trace delays needed on the TD[3:0] and the TX_CTL traces. MAC VSC8201 RD0 RD1 RD2 RD3 RX_CTL TD3 RXC 700ps of additional trace delay w.r.t TXC VDDIO=3.0 - 3.6v VDDIO=3.0 - 3.6v TD2 TD1 TD0 TX_CTL TXC |