データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD57100J100R データシート(PDF) 13 Page - STMicroelectronics

部品番号 LD57100J100R
部品情報  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100J100R データシート(HTML) 13 Page - STMicroelectronics

Back Button LD57100J100R Datasheet HTML 9Page - STMicroelectronics LD57100J100R Datasheet HTML 10Page - STMicroelectronics LD57100J100R Datasheet HTML 11Page - STMicroelectronics LD57100J100R Datasheet HTML 12Page - STMicroelectronics LD57100J100R Datasheet HTML 13Page - STMicroelectronics LD57100J100R Datasheet HTML 14Page - STMicroelectronics LD57100J100R Datasheet HTML 15Page - STMicroelectronics LD57100J100R Datasheet HTML 16Page - STMicroelectronics LD57100J100R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
Flip Chip6 (0.8x1.2 mm) package information
Figure 27. Flip Chip6 (0.8x1.2 mm) package outline
LD57100
Package information
DS13123 - Rev 5
page 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21