| データシートサーチシステム |
|
LPS27HHTWTR データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPS27HHTWTR データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 55 page ![]() 3 Mechanical and electrical specifications 3.1 Mechanical characteristics VDD = 1.8 V, T = 25 °C, unless otherwise noted. Table 2. Pressure and temperature sensor characteristics Symbol Parameter Test condition Min. Typ.(1) Max. Unit Pressure sensor characteristics PTop Operating temperature range -40 +85 °C Pop Operating pressure range 260 1260 hPa Pbits Pressure output data 24 bits Psens Pressure sensitivity 4096 LSB/hPa PAccRel Relative accuracy over pressure (2) P= 800 - 1100 hPa, T = 25 °C ±0.025 hPa PAccT Absolute accuracy over temperature P = 860 ~ 1160 hPa, T = 25 ~ 65°C ±0.5 hPa P = 260 ~ 1260 hPa, T = 0 ~ 65 °C ±1 Pnoise RMS pressure sensing noise(3) with embedded filter and at T = 25 °C 0.007 hPa RMS ODRPres Pressure output data rate (4) 1 10 25 50 75 100 200 Hz TCO Temperature coefficient offset P = 860 ~ 1160 hPa, T = -20 ~ +65 °C 0.75 Pa/°C P_longterm Pressure accuracy, long-term stability 1 hPa/year P_drift Soldering drift ±0.5 hPa Temperature sensor characteristics Top Operating temperature range -40 +85 °C Tacc Temperature absolute accuracy 25 ~ 65 °C ±1.5 °C Tsens Temperature sensitivity 100 LSB/°C ODRT Temperature output data rate 1 10 25 50 75 100 200 Hz 1. Typical specifications are not guaranteed. 2. By design, the typ. value is defined based characterization data with 10 hPa pressure interval. 3. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 50 measurements with LOW_NOISE_EN = 1, EN_LPFP = 1, LPFP_CFG = 1. 4. Output data rate is configured acting on ODR[2:0] in CTRL_REG1 (10h). LPS27HHTW Mechanical and electrical specifications DS13489 - Rev 1 page 4/55 |