| データシートサーチシステム |
|
LSMT4-2241-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT4-2241-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: LSMT4 LSMT4 SPECIFICATIONS ES-1957 Rev.6 Page 4/5 https://www.m-system.co.jp/ TERMINAL CONNECTIONS Note: In order to improve EMC performance, bond the FE terminal to ground. Caution: FE terminal is NOT a protective conductor terminal. POWER U(+) V(–) FE CONTACT OUTPUT 1 ANALOG OUTPUT 1 CH1+ CH1– CH10+ CH10– CH11+ CH11– CH12+ CH12– JACK CONFIGURATOR Power Input Terminals Input Terminals Output Terminals ■ TERMINAL ASSIGNMENT ■ ELECTRICAL CONNECTION . . . . ANALOG OUTPUT 10 CONTACT OUTPUT 2 P1 N P3 1S 1L 3S 3L L1 source load N L2 u v v u U V V U k l K L k l K L P1 N P3 1S 1L 3S 3L L1 source load N L2 k l K L k l K L P1 N P3 1S 1L 3S 3L L1 source load N L2 P1 P2 P3 1S 1L L1 source load L2 L3 u v v u U V V U k l K L P1 P2 P3 1S 1L L1 source load L2 L3 P1 P2 P3 1S 1L 3S 3L L1 source load L2 L3 u v v u U V V U k l K L k l K L P1 P2 P3 1S 1L 3S 3L L1 source load L2 L3 k l K L k l K L P1 P2 P3 1S 1L 3S 3L L1 source load L2 L3 k l K L P1 P2 P3 1S 1L L1 source load L2 L3 P1 N 1S 1L L1 source load N k l K L u v U V P1 N 1S 1L L1 source load N k l K L P1 N 1S 1L L1 source load N System / Application Single phase / 2-wire 3-phase / 3-wire, balanced load Single phase / 3-wire Terminal 1S 1L 3S 3L L1 source load L2 L3 k l P1 u v U V P2 u v U V P3 u v U V N K L k l K L P1 P2 P3 1S 1L 3S 3L N L1 source load L2 L3 k l K L k l K L 2S 2L k l K L P1 P2 P3 1S 1L 3S 3L N 2S 2L L1 source load L2 L3 N N N 2S 2L k l K L P1 N 1S 1L L1 source load L2 k l K L u v U V P1 N 1S 1L L1 source load L2 L3 N k l K L P1 N 1S 1L L1 source load L2 L3 L3 N N System / Application 3-phase / 4-wire, balanced load 3-phase / 3-wire, unbalanced load 3-phase / 4-wire, unbalanced load Terminal |