| データシートサーチシステム |
|
LRP-46M6-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LRP-46M6-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: LRP http://www.m-system.co.jp/ LRP SPECIFICATIONS ES-1977 Rev.15 Page 4/5 CONNECTION DIAGRAM LOAD 1 2 3 SOURCE P2 V P1 U v u FUSE VT V v P3 U u k l CT L K 1L 1S 3L 3S k l L K 14 16 15 1 5 6 2 + – 11 12 9 10 U(+) V(–) ■ 3-PHASE/3-WIRE LOAD 1 N 2 3 SOURCE P2 V P1 U v u FUSE VT V v P3 U u V v P0 U u k l CT L K 1L 1S 2L 2S 3L 3S k l L K k l L K 9 10 U(+) V(–) 14 15 16 13 1 2 3 4 5 6 ■ 3-PHASE/4-WIRE + – 11 12 OUTPUT OUTPUT * The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets other supply voltage requirements. AUXILIARY POWER * AUXILIARY POWER * EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 112 (4.41) [3.3 (.13)] DIN RAIL 35mm wide 8 (.31) M3.5 SCREW (Only on the used terminals) 75 (2.95) TERMINAL COVER 2–5.8 (.23) dia. or 2–4.8 (.18) dia. MTG HOLE 8 (.31) deep •When mounting, no extra space is needed between units. 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 MOUNTING REQUIREMENTS unit: mm (inch) 2–M5 60 (2.36) ■ M5 SCREWS 2–M4 60 (2.36) ■ M4 SCREWS |