| データシートサーチシステム |
|
M7EASDY-5-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M7EASDY-5-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: M7EASDY M7EASDY SPECIFICATIONS ES-7763 Rev.12 Page 4/5 https://www.m-system.co.jp/ STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (output) Installation Category II (power) Pollution Degree 2 Input or output to power: Reinforced insulation (300 V) Input to output: Basic insulation (300 V) (When 150 V AC max. load voltage or measurement category I, applicable as reinforced insulation) RoHS Directive EXTERNAL VIEW Refer to the instruction manual for the setting procedure. LCD Display Mode Button Set Button PC Configurator Jack Up Button Down Button Up Down Mode Set EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] 29 [1.14] 94 [3.70] 8 [.31] 124 [4.88] 22 [.87] 6 [.23] 11–M3 SCREW 29.5 [1.16] 2–4.2x5 [.17x.20] MTG HOLE 6 [.24] deep DIN RAIL 35mm wide (4 [.16]) • When mounting, no extra space is needed between units. 4 8 7 10 11 5 6 1 2 3 9 |