| データシートサーチシステム |
|
LSMT2-341G1-R データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-341G1-R データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 10 page ![]() LSMT2 ES-1954 Rev.6 Specifications subject to change without notice. MODBUS COMMUNICATION Standard: Conforms to RS-485, EIA Baud rate: 1200, 2400, 4800, 9600, 19.2k bps selectable (front) Communication: Half-duplex, asynchronous, no procedure Protocol: Modbus RTU Transmission distance: 500 meters max. Transmission media: shielded twisted-pair cable (CPEV-S 0.9 dia.) Refer to the Modbus Protocol Reference Guide (EM- 5650) for supported functions. INPUT & OUTPUT ■INPUT •Voltage Input (must be balanced for 3-phase) Operational range Voltage & active/reactive power: 0 – 110% of rating Power factor & frequency: 90 – 110% of rating Overload capacity: 200% of rating for 10 sec., 120% continuous Input burden: ≤0.2VA/phase for 110V AC ≤0.3VA/phase for 220V AC ≤0.5VA/phase for 380V AC •Current Input (can be unbalanced for 3-phase) Operational range Current & active/reactive power: 0 – 120% of rating Power factor: 20 – 120% of rating Overload capacity: 4000% of rating for 1 sec., 2000% for 4 sec., 120% continuous Input burden: ≤0.3VA/phase ■OUTPUT •DC Current Load resistance 4 – 20mA : 600 (Ω maximum) 0 – 1mA : 10k •DC Voltage Load resistance 0 – 10V : 1000 (Ω minimum) 0 – 5V : 1000 1 – 5V : 1000 P. 2 / 10 2.5 5A 0 5 •Voltage 0 150 300V 0 12 4 ■I/O CHARACTERISTICS •Current 20 OUT mA INP 10 OUT V INP 500 0 1000W +1000W 0 -1000 5 •Watt 0 500 0 1000W +1000W 0 -1000 12 4 0 1000var (LAG) 1000 (LEAD) 5 •Var 0 0 1000var (LAG) 1000 (LEAD) 12 4 1 0.5 (LAG) 0.5 (LEAD) 5 •Power Factor 0 1 0.5 (LAG) 0.5 (LEAD) 12 4 55 65Hz 45 5 •Frequency 0 55 65Hz 45 12 4 When the input voltage is zero or the current is the twentieth or less of the rating, the output is either equivalent to power factor 1 or 0% or less (selectable). When the input voltage is zero or the current is the twentieth or less of the rating, the output is either equivalent to power factor 1 or 0% or less (selectable). When the input voltage is the fifth or less of the rating, the output is equivalent to the input frequency – 2Hz. 20 OUT mA INP 10 OUT V INP 10 OUT V INP 10 OUT V INP 20 OUT mA INP 0 1000 1000var 0 0 1000 (LEAD) REVERSE FLOW DIRECT FLOW (LAG) (LEAD) (LAG) 5 •Var for Bidirectional Current 0 10 OUT V INP 0 1000 1000var 1000 (LEAD) REVERSE FLOW DIRECT FLOW (LAG) (LEAD) (LAG) 12 4 20 OUT mA INP 11 00 0 (LEAD) REVERSE FLOW DIRECT FLOW (LAG) (LEAD) (LAG) 5 0 10 OUT V INP 11 00 0 (LEAD) REVERSE FLOW DIRECT FLOW (LAG) (LEAD) (LAG) 12 4 20 OUT mA INP 11 00 00.5 0.5 0.5 0.5 (LEAD) REVERSE FLOW DIRECT FLOW (LAG) (LEAD) (LAG) 5 0 10 OUT V INP 11 00.5 0.5 0 00.5 0.5 (LEAD) REVERSE FLOW DIRECT FLOW (LAG) (LEAD) (LAG) 12 4 20 OUT mA INP 20 OUT mA INP •Power Factor for Bidirectional Current 20 OUT mA INP 10 OUT V INP |