| データシートサーチシステム |
|
LSMT2-20041-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-20041-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 10 page ![]() ES-1954 Rev.6 P. 3 / 10 INSTALLATION Auxiliary power supply AC: operational voltage range: 85 – 264V, 50/60 Hz, approx. 10VA DC: operational voltage range: rating ±10%, or 85 – 150V for 110V rating; ripple 10% p-p max.; approx. 10W (90mA at 110V) Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 40 to 85% RH (non-condensing) Mounting: surface or DIN rail Dimensions: W125×H100×D128 mm (4.72"×3.94"×5.04") Weight: 600 g (1.3 lbs) PERFORMANCE in percentage of span Accuracy Voltage, current, watt, var, frequency: ±0.5% Power factor: ±1.5% Zero-phase voltage: ±1.0% Max. zero-phase voltage: ±1.0% Watthours: ±2.0% (load current 5 – 100%, power factor 1.0) ±2.5% (load current 10 – 100%, power factor 0.5, lag current) Temp. conditioning incl. in the accuray: 23 ±10°C (73.4 ±18°F) Freq. conditioning incl. in the accuracy: rating ±5% Response time (0 – 100% ±1%): ≤1 sec. except for zero-phase voltage: ≤0.1 sec. Ripple: 1% p-p max. Auxiliary supply voltage effect: half the accuracy over voltage range Power failure protection: VT/CT ratios, watthours, max. zero-phase voltage are stored in the non-volatile memory. Insulation resistance: ≥50MΩ with 500V DC (voltage input to current input to DC output to pulse (network) output to aux. supply to ground) Dielectric strength: 2000V AC @1 minute (circuit to ground; voltage input termi- nals to output terminals; aux. supply to input or output terminals) 1500V AC @1 minute (output terminals to ground) Surge withstand voltage: 1.2/50 µsec., ±6kV (circuit to ground; voltage input termi- nals to output terminals) FRONT PANEL CONFIGURATION 14 16 18 20 22 24 26 28 30 32 A C 15 1 2 3 4 5 6 7 8 9 10 17 19 21 23 25 27 29 31 33 B 11 12 13 DATA Display SELECT Rotary SW FUNCTION SW Terminator Control Buttons OFF ON SW1 Run mode Set mode SW2 Output Adj. mode Configure mode SW3 Zero adj. Span adj. SW4 Measured value output Simulated rated value output SW5 — — SW6 Run mode Assign mode DATA display: green LED; 5 mm (.2 in) FUNCTION SW: Used to turn the unit into SET mode and choose functions. SELECT rotary SW: Used to choose output channels, programmable items, etc. in Set mode. Control buttons: Used to increase (+) / decrease (–) the values, or move forward (+) / back (–) to other items in Set mode. Continuously pressing the button increases incre- mental speed. Terminator: For Modbus communication. ■PROGRAMMING PROCEDURE (example) •Zero/Span Adjustments SW1 : ON (Set mode) SW2 : OFF (Output Adj. mode) SW3 : OFF (zero) or ON (span) Rotary SW : Choose the output channel. Control buttons : Watching the DATA display show- ing adjusted value, press (+) for increasing or (–) for descreasing the value. Adjustable to ±5%. •Configuration Change (range, lag/lead, etc.) SW1 : ON (Set mode) SW2 : ON (Configure mode) Rotary SW : Choose the item to be programmed. Control buttons : Watching the DATA display show- ing data No., press (+) or (–) for changing data. •Assigning Output Channels SW1 : ON (Set mode) SW6 : ON (Assign mode) Rotary SW : Choose the output channel. Control buttons : Watching the DATA display show- ing measuring item No., press (+) or (–) for changing data. |