| データシートサーチシステム |
|
LSMT2-21041-R データシート(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-21041-R データシート(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 10 page ![]() LSMT2 ES-1954 Rev.6 Specifications subject to change without notice. Power factor: lead 0.5 – 1 – lag 0.5 lag 0.5 – 1 – lead 0.5 lead 0 – 1 – lag 0 lag 0 – 1 – lead 0 Input range and lag/lead can be changed via the front panel. Frequency: 45 – 55 Hz, 55 – 65 Hz, 45 – 65 Hz Input range can be changed via the front panel. Watthours Ratio:110V – 77kV at the VT primary 5 – 8000A at the CT primary Pulse unit: 0.01, 0.1, 1, 10, 100, 1000 kWh/pulse CONNECTION DIAGRAM, INPUT 1 P1 2 P2 3 P3 4 5 1S 6 1L CT 3 2 1 SOURCE •No Zero-phase Voltage Measuring LOAD VT U u V v V v U u K k 7 8 9 3S 10 3L CT K k A 1 A 2 A 3 V12 V23 V31 1 P1 2 P2 3 P3 4 5 G1 6 G4 3 2 1 SOURCE •With Zero-phase Voltage Measuring LOAD VT GVT3 U u V v V v U u 7 8 9 10 V12 V23 V31 P. 6 / 10 |