| データシートサーチシステム |
|
KEWT-2BA-F/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KEWT-2BA-F/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 6 page ![]() MODEL: KEWT KEWT SPECIFICATIONS ES-3666 Rev.6 Page 3/6 http://www.m-system.co.jp/ approx. 2 W (18 mA at 110 V) Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 85 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 450 g (0.99 lb) PERFORMANCE in percentage of span Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz) Response time: ≤ 2 sec. (0 – 100 % ±1 %) Ripple: 0.5 %p-p max.(The output ripple may increase when there is great difference between the frequencies of input signal and power supply) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (voltage input to current input to output to auxiliary power to ground) Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV (input to output or ground) CONNECTION DIAGRAM v LOAD 1 2 3 SOURCE P2 V P1 U v u FUSE VT V v P3 U u k l CT L K 1L 1S 3L 3S k l L K 3 4 9 5 7 8 6 + – 1 2 OUTPUT ■ 3-PHASE/3-WIRE ■ SINGLE-PHASE/2-WIRE LOAD 1 2 SOURCE P2 V P1 U u FUSE VT k l CT L K 1L 1S 5 6 7 8 ■ SINGLE-PHASE/3-WIRE LOAD 1 N 2 SOURCE P0 V P1 U v u FUSE VT V v P2 U u k l CT L K 1L 1S 2L 2S k l L K 3 4 9 5 7 8 6 10 11 U(+) V(–) *CT Protector (model: CTM) attached to these terminals. *CT Protector (model: CTM) attached to these terminals. *CT Protector (model: CTM) attached to these terminals. 10 11 U(+) V(–) + – 1 2 OUTPUT + – 1 2 OUTPUT 10 11 U(+) V(–) * * * * * **The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets within the range of auxiliary power supply of the unit specified in the data sheet/instruction manual. AUXILIARY POWER** AUXILIARY POWER** AUXILIARY POWER** |