| データシートサーチシステム |
|
MAT2-4404MA データシート(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MAT2-4404MA データシート(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: MAT2 MAT2 SPECIFICATIONS ES-8149 Rev.12 Page 5/5 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] 45° (WIRE INSERTION ANGLE) DIN RAIL 35mm wide (3.4 [.13]) 60 [2.36] 80 [3.15] * Open/close type. ** Only for ‘Alarm output’ code ‘A’. 5–M5 SCREW TERMINAL COVER * MONITOR LED SPECIFICATION ALARM OUTPUT ** TERMINAL 50 [1.97] 15 [.59] 15 [.59] 15 [.59] 12.5 [.49] A1 A2 C 1 2 N PE 3 SCHEMATIC CIRCUITRY 2 1 PE A2 C A1 N 3 ѳ Monitor LED ѳ: Thermal breaker Note: Terminals C, A1 & A2 are available for ‘Alarm output’ code ‘A.’ The schematic shows the relay contact status of a thermal trip or power off. Alarm Output Circuit ѳ ѳ ѳ Specifications are subject to change without notice. |