| データシートサーチシステム |
|
MAKF-480/AN データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MAKF-480/AN データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: MAKF MAKF SPECIFICATIONS ES-8143 Rev.3 Page 4/5 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 18 (.71) [30 (1.18)] 5 (.20) CHECK WINDOW SPECIFICATION LABEL DIN RAIL ADAPTOR 2–M5 SCREW A A A : Place marking labels here. A TERMINAL BLOCK FOR ALAMR OUTPUT (optional) BASE DIN RAIL 65 (2.56) L1 ■ HEAD ELEMENT & BASE, COMBINED ■ MARKING LABELS (terminal identifiers, tag name labels) HEAD ELEMENT GRIP GUIDING RAIL SOCKET ALARM OUTPUT LEVER PLUG SOLDERLESS TERMINAL ACCESS PORT L2 L3 N E G DIN RAIL 35mm wide •When mounting, no extra space is needed between units. 51 (2.01) [1 (.04)] VOLTAGE ID KEY ■ HEAD ELEMENT & BASE, SEPARATED MOUNT POSITION KEY BASE SPECIFICATION LABEL [1 (.04)] [1.5 (.06)] |