| データシートサーチシステム |
|
LMS-4WF-F/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LMS-4WF-F/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: LMS LMS SPECIFICATIONS ES-1627 Rev.2 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW Front Cover (open) Span Adj. Zero Adj. COM. Hi Set. Lo Set. Hi Limit Monitor Lo Limit Monitor EXTERNAL DIMENSIONS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 107 (4.21) 127 (5) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 2 1 8 7 3 4 INPUT RESISTOR (model: REM) Input shunt resistor attached for current input. |