| データシートサーチシステム |
|
FTS64K データシート(PDF) 17 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
FTS64K データシート(HTML) 17 Page - Freescale Semiconductor, Inc |
|
17 / 44 page ![]() FTS64K Block User Guide — Version V01.00 17 Figure 3-1 FTS64K Flash Memory Map Flash Control Registers (BASE + $100) $FF00 - $FF0F, Flash Protection/Security Field (BASE + $10F) $8000 (16 bytes) Flash Protected Low Sectors 0.5K, 1K, 2K, 4K bytes FLASH_START = $4000 $4800 $4200 $4400 $5000 12K 16K PAGED MEMORY $3C $3C $3E $3F $3E Note: $3C-$3F correspond to the PPAGE register content FLASH_END = $FFFF $F800 $F000 $C000 $E000 Flash Protected High Sectors 2K, 4K, 8K, 16K bytes $3F Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |