| データシートサーチシステム |
|
LTCEC-2151-C/Q データシート(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LTCEC-2151-C/Q データシート(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 6 page ![]() MODEL: LTCEC LTCEC SPECIFICATIONS ES-3373 Rev.9 Page 1/6 http://www.m-system.co.jp/ Power Transducer Series LT-UNIT AC CURRENT TRANSDUCER (clamp-on current sensor; RMS sensing) Functions & Features • Converts an alternating current into a standard process signal • Easy-to-install clamp-on type current sensor without needing a current transformer • Clamp-on current sensor included • Wide input range from 10 A up to 600 A • Input frequency 50 / 60 / 400 Hz • Over-voltage clamp element for safety in open circuit • High-density mounting Typical Applications • Centralized monitoring and control of motors at a supervisory panel • Monitoring abnormal load current at motors to detect pump malfunctions 143 (5.63) 111 (4.37) 72 (2.83) mm (inch) MODEL: LTCEC–[1][2][3]–[4][5] ORDERING INFORMATION • Code number: LTCEC–[1][2][3]-[4][5] Specify a code from below for each of [1] through [5]. (e.g. LTCEC-150A-B/T/Q) • Special output range (For codes Z & 0) • Specify the specification for option code /Q (e.g. /C01) [1] SENSOR 1: Leadwire type CLSA 2: Screw terminal type CLSB [2] INPUT 10: 0 – 10 A AC 15: 0 – 15 A AC 20: 0 – 20 A AC 30: 0 – 30 A AC 40: 0 – 40 A AC 50: 0 – 50 A AC 60: 0 – 60 A AC 75: 0 – 75 A AC 100: 0 – 100 A AC 125: 0 – 125 A AC 150: 0 – 150 A AC 175: 0 – 175 A AC 200: 0 – 200 A AC 225: 0 – 225 A AC 250: 0 – 250 A AC 300: 0 – 300 A AC 350: 0 – 350 A AC 400: 0 – 400 A AC 500: 0 – 500 A AC 600: 0 – 600 A AC (Not selectable with the sensor type code 1 'Leadwire type CLSA') [3] OUTPUT Current A: 4 – 20 mA DC (Load resistance 500 Ω max.) D: 0 – 20 mA DC(Load resistance 500 Ω max.) F: 0 – 10 mA DC (Load resistance 1000 Ω max.) G: 0 – 1 mA DC (Load resistance 10 kΩ max.) J: 0 – 5 mA DC (Load resistance 2000 Ω max.) Z: Specify current (See OUTPUT SPECIFICATIONS) Voltage 1: 0 – 10 mV DC (Load resistance 10 kΩ min.) 2: 0 – 100 mV DC (Load resistance 100 kΩ min.) 3: 0 – 1 V DC (Load resistance 1000 Ω min.) 4: 0 – 10 V DC (Load resistance 10 kΩ min.) 5: 0 – 5 V DC (Load resistance 5000 Ω min.) 6: 1 – 5 V DC (Load resistance 5000 Ω min.) 0: Specify voltage (See OUTPUT SPECIFICATIONS) [4] AUXILIARY POWER SUPPLY AC Power B: 100 V AC C: 110 V AC D: 115 V AC F: 120 V AC G: 200 V AC H: 220 V AC J: 240 V AC DC Power R: 24 V DC |
同様の部品番号 - LTCEC-2151-C/Q |
|
同様の説明 - LTCEC-2151-C/Q |