| データシートサーチシステム |
|
KEWT-2AB-R/Q データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KEWT-2AB-R/Q データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: KEWT KEWT SPECIFICATIONS ES-3666 Rev.6 Page 4/6 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 TERMINAL ASSIGNMENTS unit: mm (inch) 2 1 11 10 3 9 4 CT PROTECTOR (model: CTM) 5 6 7 8 2 1 KEWT-2 2 Positions of CTM 2 1 KEWT-1, 3 Specifications are subject to change without notice. |