| データシートサーチシステム |
|
MDPDM3 データシート(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MDPDM3 データシート(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: MDP-DM3 MDP-DM3 SPECIFICATIONS ES-8110 Rev.10 Page 2/4 http://www.m-system.co.jp/ CONNECTION EXAMPLES (Protected Device) (Protected Device) C B 3 2 MDP-DM3 G A 1 3 2 MDP-DM3 Shielded Twisted-pair Cable RS-422/485 Communication Line G C B A 1 FG + – SHLD FG + – SHLD Grounding ≤100Ω Grounding ≤100Ω *1 *1 *2 *2 *3 *3 *4 *4 *1. Applicable devices: M-System’s MsysNet or SIN-NET devices which employ RS-422/485 communication standards. *2. Recommended cable length between the surge protector and the protected device: 1 meter at the maximum *3. No connection is required if the protected device has no shield terminal. *4. Cross wire between the protected device’s FG terminal and the surge protector’s G terminal, and ground to the earth at the surge protector side. Ground only the surge protector if the protected device has no FG terminal. GROUNDING M-RESTER PROTECTED EQUIPMENT G G CROSSOVER WIRE GROUNDING (100 ohms or less) A crossover wire between M-RESTER ground and the ground or metallic housing of the equipment is required for protection. If the protected equipment has no ground terminal, ground the M-RESTER only. When the M-RESTER is mounted with DIN Rail Mounting Adapter, connect the grounding wire to the mounting screw of the M-RESTER. |