| データシートサーチシステム |
|
HA1141 データシート(PDF) 28 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HA1141 データシート(HTML) 28 Page - List of Unclassifed Manufacturers |
|
28 / 31 page ![]() 364 Order Online www.mcmelectronics.com NET 30 Terms Semiconductors/ Components section 16 1 ⁄8 Watt Carbon Film Resistors •5% tolerance •Minimum ten 651-1.2 651-2.2 651-3.3 651-5.6 651-33 651-68 651-82 651-120 651-150 651-180 651-220 651-270 651-330 651-560 651-820 651-27K 651-33K 651-39K 651-47K 651-56K 651-100K 651-120K 651-330K 651-470K 651-1M $0.07(10-99) . . . . .$0.04(100-999).. . . .$0.02(1000-up) 1 ⁄4 Watt Carbon Film Resistors •5% tolerance •Minimum ten $0.07(10-99) . . . .$0.04(100-999).. . . .$0.02(1000-up) 341-1.2 341-1.8 341-3.3 341-5.6 341-15 341-22 341-27 341-33 341-68 341-82 341-270 341-390 341-560 341-12K 341-18K 341-22K 341-68K 341-82K 341-180K 341-560K 1 ⁄2 Watt Carbon Film Resistors •5% tolerance •Minimum ten $0.07(10-99) . . . . .$0.04(100-999).. . . . .$0.02(1000-up) 371-27 371-39 371-82 371-100 371-120 371-150 371-180 371-270 371-330 371-390 371-18K 371-20K 371-22K 371-33K 371-56K 371-150K 371-180K 371-390K 371-560K 371-820K 371-1.2M 371-1.8M 371-2.2M 371-2.7M 371-3.3M 371-3.9M 371-4.7M 371-8.2M 371-10M 1 ⁄8 Watt Metal Film Resistors •1% tolerance •Minimum ten $0.07(10-99) . . . . . .$0.04(100-999) . . . .$0.02(1000-up) 652-10 652-11 652-12 652-18 652-20 652-22 652-27 652-47 652-68 652-75 652-91 652-110 652-130 652-150 652-160 652-180 652-270 652-360 652-390 652-430 652-470 652-680 652-820 652-10K 652-11K 652-15K 652-18K 652-22K 652-33K 652-47K 652-68K 652-82K 652-100K 652-120K 652-150K 652-220K 652-470K 652-1M 1 ⁄4 Watt Metal Film Resistors •1% tolerance •Minimum ten $0.07(10-99) . . . . .$0.04(100-999). . . . . $0.02(1000-up) 662-11 662-12 662-18 662-24 662-27 662-30 662-33 662-36 662-39 662-43 662-56 662-75 662-82 662-91 662-110 662-180 662-240 662-300 662-360 662-430 662-820 662-11K 662-12K 662-22K 662-24K 662-33K 662-39K 662-56K 662-68K 662-120K 662-150K 662-220K 662-390K 662-470K 662-560K 662-680K 1 ⁄2 Watt Metal Film Resistors •1% tolerance •Minimum ten $0.07(10-99) . . . . . .$0.04(100-999) . . . .$0.02(1000-up) 372-11 372-12 372-13 372-18 372-20 372-22 372-24 372-27 372-36 372-39 372-75 372-100 372-110 372-130 372-150 372-160 372-180 372-240 372-360 372-430 372-680 372-33K 372-68K 372-220K 372-270K 372-390K 372-560K 4 Watt Ceramic Wire Wound Resistors •SBCHE Axial fluted •10% tolerance •Five per bag 451-1 451-1.5 451-2.2 451-3.3 451-4.7 451-6.8 451-10 451-15 451-22 451-68 451-100 451-220 451-330 451-470 451-680 451-1K 451-1.5K 451-2.2K 451-4.7K 451-6.8K 451-10K $2.29(1-3 bags) . . .$1.99(4-9 bags) . .$1.79(10 bags-up) Multicomp 7 Watt Ceramic Wire Wound Resistors •SBCHE axial fluted •10% tolerance •Five per bag $4.49(1-3 bags) . .$3.29(4-9 bags) . .$2.69(10 bags-up) 621-.47 621-.56 621-.82 621-2.2 621-2.7 621-3.9 621-4.7 621-5.6 621-6.8 621-8.2 621-10 621-12 621-15 621-56 621-220 621-1K 621-1.8K 621-2.2K 621-5.6K 621-8.2K 621-10K 621-15K 11 Watt Ceramic Wire Wound Resistors •SBCHE axial fluted •10% tolerance •Five per bag $2.99(1-3 bags) . .$2.79(4-9 bags) . .$2.49(10 bags-up) 471-4.7 471-10 471-15 471-22 471-33 471-100 471-470 471-1K 471-2.2K 471-10K 2 Watt Flameproof Resistors •Metal oxide film •Tolerance: 5% (.22~8.2Ω), 2% (10~1MΩ) •Sold individually 440-.22 440-.27 440-.33 440-.39 440-.47 440-.56 440-.68 440-.82 440-1.0 440-1.2 440-1.5 440-1.8 440-2.0 440-2.2 440-2.7 440-3.0 440-3.3 440-3.9 440-4.7 440-5.6 440-6.8 440-8.2 440-10 440-15 440-18 440-20 440-22 440-27 440-30 440-33 440-39 440-47 440-56 440-68 440-75 440-82 440-91 440-100 440-120 440-150 440-180 440-200 440-220 440-270 440-300 440-330 440-390 440-430 440-470 440-560 440-680 440-750 440-910 440-1K 440-1.2K 440-1.5K 440-1.8K 440-2K 440-2.2K 440-2.7K 440-3K 440-3.3K 440-3.9K 440-4.7K 440-5.6K 440-6.8K 440-7.5K 440-8.2K 440-9.1K 440-10K 440-15K 440-18K 440-20K 440-22K 440-27K 440-30K 440-33K 440-39K 440-47K 440-56K 440-68K 440-75K 440-82K 440-91K 440-100K 440-120K 440-150K 440-180K 440-200K 440-220K 440-270K 440-330K 440-390K 440-470K 440-560K 440-680K 440-750K 440-820K 440-910K 440-1M (1-9) (10-99) (100-up) $0.29 $0.25 $0.20 Note: The digits following the hyphen are the resistance value. 1 ⁄4 Watt Surface Mount Resistors •1206 series thick film resistors •Wrap around termination with nickel barrier •Operating temperature: -55°C ~ +155°C •5% tolerance •Minimum ten 970-0.0 970-1.0 970-2.2 970-2.4 970-2.7 970-3.0 970-3.3 970-3.6 970-4.7 970-5.1 970-5.6 970-6.2 970-6.8 970-8.2 970-9.1 970-10 970-15 970-20 970-22 970-33 970-39 970-47 970-51 970-56 970-68 970-75 970-100 970-120 970-160 970-180 970-200 970-220 970-270 970-330 970-390 970-430 970-470 970-510 970-560 970-680 970-820 970-1K 970-1.2K 970-1.5K 970-1.6K 970-1.8K 970-2K 970-2.2K 970-3.3K 970-3.6K 970-4.7K 970-5.6K 970-6.8K 970-8.2K 970-9.1K 970-10K 970-13K 970-15K 970-18K 970-20K 970-24K 970-27K 970-33K 970-47K 970-56K 970-62K 970-68K 970-82K 970-100K 970-220K 970-390K 970-470K 970-1M 970-10M (10-99) (100-999) (1000-up) $0.05 $0.04 $0.03 Note: The digits following the hyphen are the resistance value. Dual Emitter Resistors Sorry-no mixing of values for quantity pricing Order # Wattage ohm (1-49) (50-up) 28-0500 2 .22 $1.14 $0.93 28-0505 2 .33 1.14 0.93 28-0510 2 .47 1.14 0.93 28-0520 3 .22 1.45 1.39 28-0525 3 .33 1.45 1.39 28-0530 3 .47 1.45 1.35 28-0540 5 .22 1.72 1.67 28-0545 5 .33 1.74 1.69 28-0550 5 .47 1.76 1.71 28-0555 5 .68 1.76 1.71 Audio Dummy Loads •Non-inductive load for bench testing amplifiers Order # Wattage ohm (1-9) (10-up) 28-0745 50 4 $8.64 $8.27 28-045 50 8 8.77 8.04 28-0750 100 4 12.31 11.94 28-048 100 8 12.31 11.94 28-0785 150 4 28.49 27.45 28-0790 150 8 28.07 27.04 C52_pg_364 8/16/07 11:58 AM Page 364 |