| データシートサーチシステム |
|
IRFP450 データシート(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IRFP450 データシート(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 31 page ![]() 362 Order Online www.mcmelectronics.com NET 30 Terms Semiconductors/ Components section 16 Order # µF (1-4) (5-9) (10-24) 50 Volts 31-9100 2200 $3.93 $3.57 $3.39 31-9105 2700 3.85 3.60 3.43 31-9110 3300 4.06 3.80 3.62 31-9115 3900 4.65 4.36 4.14 31-9120 4700 5.52 5.17 4.91 31-9125 5600 5.95 5.57 5.29 31-9130 6800 6.92 6.48 6.16 31-9135 8200 7.14 6.68 6.36 31-9140 10000 8.57 8.02 7.62 31-9145 12000 10.66 9.98 9.49 31-9150 15000 12.05 11.28 10.71 31-9155 18000 15.95 15.35 14.58 31-9160 22000 18.95 17.56 16.69 80 Volts 31-9165 4700 9.79 9.17 8.71 31-9170 5600 10.82 10.14 9.63 31-9175 6800 12.97 12.14 11.54 31-9180 8200 18.92 17.72 16.83 31-9185 10000 20.54 19.24 18.27 100 Volts 31-9190 1000 4.69 4.40 4.17 31-9195 1500 6.43 6.02 5.72 31-9200 2200 8.48 7.94 7.55 31-9205 3300 11.05 10.34 9.83 31-9210 4700 15.25 13.87 13.17 200 Volts 31-9215 150 3.38 3.16 3.01 31-9220 220 3.72 3.48 3.31 31-9225 270 3.64 3.41 3.23 31-9230 330 3.91 3.66 3.47 31-9235 390 4.42 4.14 3.93 31-9240 470 4.76 4.46 4.23 31-9245 560 5.12 4.79 4.55 31-9250 680 6.09 5.70 5.42 31-9255 820 6.82 6.39 6.07 31-9260 1000 7.68 7.19 6.83 31-9265 1500 10.07 9.43 8.96 31-9270 2200 14.76 13.82 13.13 250 Volts 31-9275 100 3.49 3.28 3.11 31-9280 120 3.66 3.43 3.25 31-9285 150 3.80 3.55 3.38 31-9290 180 3.82 3.58 3.40 31-9295 220 3.64 3.41 3.23 31-9300 270 4.13 3.87 3.68 31-9305 330 4.74 4.44 4.22 Order # µF (1-4) (5-9) (10-24) 250 Volts 31-9310 390 $5.26 $4.92 $4.68 31-9315 470 6.38 5.97 5.68 31-9320 560 7.24 6.78 6.44 31-9325 680 8.02 7.51 7.13 31-9330 820 9.00 8.43 8.00 31-9335 1000 8.12 7.60 7.22 31-9340 1200 15.46 14.47 13.75 400 Volts 31-9345 68 3.81 3.56 3.39 31-9350 82 4.06 3.80 3.62 31-9355 100 4.36 4.08 3.87 31-9360 120 4.99 4.68 4.44 31-9365 150 5.53 5.18 4.92 31-9370 180 5.75 5.39 5.12 31-9375 220 6.56 6.14 5.83 31-9380 270 7.41 6.93 6.59 31-9385 330 8.51 7.96 7.57 31-9390 390 9.97 9.34 8.87 31-9395 470 11.05 10.34 9.83 31-9400 560 15.79 14.79 14.05 450 Volts 31-9405 47 4.07 3.81 3.63 31-9410 68 4.18 3.91 3.72 31-9415 82 4.40 4.12 3.91 31-9420 100 5.21 4.87 4.64 31-9425 120 6.26 5.86 5.56 31-9430 150 7.28 6.82 6.48 31-9435 180 8.38 7.85 7.46 31-9440 220 10.32 9.66 9.18 31-9445 270 12.17 11.40 10.83 31-9450 330 14.35 13.43 12.76 31-9455 390 16.55 15.49 14.72 31-9460 470 19.21 17.99 17.09 500 Volts 31-9465 47 4.18 3.91 3.72 31-9470 68 5.78 5.41 5.14 31-9475 82 6.46 6.06 5.75 31-9480 100 8.20 7.67 7.29 31-9485 120 8.86 8.29 7.88 31-9490 150 10.48 9.82 9.32 31-9495 180 11.66 10.92 10.37 31-9500 220 12.82 12.00 11.40 31-9505 270 16.06 15.04 14.29 31-9510 330 18.65 17.46 16.58 31-9515 390 19.94 18.67 17.74 31-9520 470 23.84 22.33 21.21 Radial Snap-In High Temperature 105°C Low ESR Electrolytic Capacitors •Featuring extended range of values and long life •Ideal for power supply use •Tolerance ±20% Snap-In Mount High Voltage Aluminum Electrolytic Capacitors •Type 82DA snap mount •Operating temperature; -40°C~85°C •Capacitance tolerance: ± 20% Order # µF (1-9) (10-49) (50-up) 200 Volts 31-3385 820 $4.39 $3.69 $3.19 31-3390 1000 5.29 4.29 3.39 31-3405 2200 11.95 9.95 7.95 400 Volts 31-3480 560 8.49 7.49 6.49 450 Volts 31-3500 470 6.49 5.49 4.99 500 Volts 31-3515 220 7.59 6.59 5.89 31-3525 390 8.49 7.49 6.99 31-3530 470 15.19 13.99 11.99 Order # Voltage µF (1-9) (10-49) (50-up) 310-025 25 2.2 $2.25 $1.85 $1.49 310-460 25 2.7 2.34 1.94 1.61 310-045 25 3.3 2.32 1.94 1.59 310-465 25 3.9 2.47 2.04 1.70 310-065 25 4.7 2.81 2.32 1.96 310-470 25 5.6 2.69 2.21 1.84 310-085 25 6.8 3.21 2.62 2.16 310-105 25 8.5 3.60 3.02 2.42 310-125 25 10.0 3.89 3.20 2.62 310-135 25 12.0 4.05 3.24 2.78 310-145 25 15.0 4.39 3.59 3.02 310-155 25 16.0 4.74 3.72 3.15 310-475 25 18.0 4.84 4.00 3.33 310-185 25 22.0 5.11 4.23 3.53 310-480 35 2.2 2.16 1.78 1.48 310-485 35 2.7 2.41 1.99 1.65 310-490 35 3.3 2.94 2.42 2.02 310-205 35 4.7 3.03 2.48 2.03 310-495 35 5.6 3.94 3.24 2.71 310-215 35 6.8 3.60 2.89 2.42 310-500 35 8.2 4.25 3.50 2.91 310-225 35 10.0 4.50 3.71 3.02 310-235 50 1.0 2.13 1.73 1.49 310-505 50 1.5 1.69 1.39 1.16 310-255 50 2.2 1.69 1.39 1.18 310-510 50 2.7 2.25 1.85 1.54 Order # Voltage µF (1-9) (10-49) (50-up) 310-265 50 3.3 $2.54 $2.16 $1.82 310-275 50 3.9 2.93 2.42 1.96 310-285 50 4.7 2.96 2.49 2.03 310-295 50 5.6 3.21 2.62 2.16 310-305 50 6.8 3.55 2.85 2.39 310-315 50 8.2 3.83 3.12 2.66 310-335 50 10.0 4.44 3.66 3.08 310-345 50 12.0 4.74 3.94 3.24 310-355 50 15.0 4.97 4.06 3.48 310-395 50 22.0 5.42 4.41 3.71 310-415 50 33.0 5.64 4.64 3.83 310-425 50 47.0 6.09 4.99 4.17 310-515 100 1.0 2.66 2.19 1.82 310-520 100 1.5 2.75 2.27 1.88 310-525 100 2.2 2.81 2.32 1.94 310-530 100 2.7 3.28 2.71 2.26 310-435 100 3.3 3.72 3.02 2.55 310-535 100 3.9 3.94 3.24 2.71 310-455 100 4.7 4.44 3.66 3.08 310-540 100 5.6 4.84 4.00 3.33 310-545 100 6.8 4.97 4.10 3.41 310-550 100 8.2 5.16 4.25 3.54 310-555 100 10.0 5.47 4.51 3.76 310-560 100 12.0 5.88 4.84 4.04 310-565 100 15.0 6.06 5.00 4.16 310-570 100 16.0 6.22 5.13 4.27 High Voltage Ceramic Disc Capacitors •Available in 1000, 3000 and 6000 VDC •Operating temperature: -25°C ~ +85°C •Tolerance ±20% •Manufacturer: Vishay Sprague Order # PF (1-9) (10-49) (50-up) 1000VDC 18F2677 10 $0.39 $0.35 $0.31 18F2685 33 0.37 0.34 0.30 18F2687 47 0.37 0.34 0.30 18F2693 100 0.37 0.34 0.30 18F2702 330 0.37 0.34 0.30 18F2705 470 0.37 0.34 0.30 18F2706 500 0.37 0.34 0.30 66C8263 1200 0.37 0.34 0.30 18F2716 2000 0.37 0.34 0.30 18F2717 2200 0.37 0.34 0.30 66C8268 2500 0.37 0.34 0.30 18F2719 2700 0.37 0.34 0.30 18F2720 3000 0.37 0.34 0.30 18F2721 3300 0.37 0.34 0.30 18F2725 4700 0.34 0.28 0.24 87F2215 6800 0.37 0.33 0.29 87F2216 8200 0.37 0.34 0.30 3000VDC 46F5260 10 0.39 0.35 0.31 46F5265 33 0.29 0.24 0.20 46F5267 56 0.39 0.34 0.30 46F5268 68 0.39 0.35 0.31 46F5270 150 0.39 0.35 0.31 46F5283 4700 0.56 0.49 0.42 46F5284 6800 0.63 0.57 0.49 46F5286 10000 0.86 0.81 0.68 6000VDC 46F5236 10 0.56 0.49 0.42 46F5240 100 0.56 0.49 0.43 46F5241 220 0.56 0.49 0.43 46F5247 3300 1.29 1.02 0.85 46F5248 4700 1.79 1.47 1.26 125°C Computer Grade Radial Non-Polarized/High Frequency/High-Temperature HD Capacitors These radial aluminum electrolytics are rated for high frequency applications and are used in horizontal deflection circuits making them perfect for flyback circuitry. They are high temperature rated (up to 125°C) so they are less susceptible to heat stress. C52_pg_362 8/17/07 5:24 PM Page 362 |