データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V27 データシート(PDF) 5 Page - Microchip Technology

部品番号 MCP6V27
部品情報  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V27 データシート(HTML) 5 Page - Microchip Technology

  MCP6V27 Datasheet HTML 1Page - Microchip Technology MCP6V27 Datasheet HTML 2Page - Microchip Technology MCP6V27 Datasheet HTML 3Page - Microchip Technology MCP6V27 Datasheet HTML 4Page - Microchip Technology MCP6V27 Datasheet HTML 5Page - Microchip Technology MCP6V27 Datasheet HTML 6Page - Microchip Technology MCP6V27 Datasheet HTML 7Page - Microchip Technology MCP6V27 Datasheet HTML 8Page - Microchip Technology MCP6V27 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25007B-page 5
MCP6V26/7/8
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.3V to +5.5V, VSS = GND,
VCM = VDD/3, VOUT =VDD/2, VL =VDD/2, RL = 10 kΩ to VL, CL = 60 pF and CS = GND (refer to Figure 1-5 and
Figure 1-6).
Parameters
Sym
Min Typ
Max
Units
Conditions
Amplifier AC Response
Gain Bandwidth Product
GBWP —
2.0
MHz
Slew Rate
SR
1.0
V/µs
Phase Margin
PM
65
°
G = +1
Amplifier Noise Response
Input Noise Voltage
Eni
—0.32
µVP-P
f = 0.01 Hz to 1 Hz
Eni
—1.0
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—50
nV/
√Hz f < 5 kHz
eni
—29
nV/
√Hz f = 100 kHz
Input Noise Current Density
ini
—0.6
fA/
√Hz
Amplifier Distortion (Note 1)
Intermodulation Distortion (AC)
IMD
40
µVPK
VCM tone = 50 mVPK at 1 kHz,
GN = 1
Amplifier Step Response
Start Up Time
tSTR
75
µs
G = +1, VOS within 50 µV of its final value
(Note 2)
Offset Correction Settling Time
tSTL
150
µs
G = +1, VIN step of 2V,
VOS within 50 µV of its final value
Output Overdrive Recovery Time
tODR
45
µs
G = -100, ±0.5V input overdrive to VDD/2,
VIN 50% point to VOUT 90% point
(Note 3)
Note 1:
These parameters were characterized using the circuit in Figure 1-7. In Figure 2-37 and Figure 2-38, there
is an IMD tone at DC, a residual tone at 1 kHz, other IMD tones and clock tones.
2:
High gains behave differently; see Section 4.3.3, Offset at Power Up.
3:
tODR includes some uncertainty due to clock edge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com