データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6V67T-E/MS データシート(PDF) 23 Page - Microchip Technology

部品番号 MCP6V67T-E/MS
部品情報  80 關A, 1 MHz Zero-Drift Op Amps
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V67T-E/MS データシート(HTML) 23 Page - Microchip Technology

Back Button MCP6V67T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V67T-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
 2019 Microchip Technology Inc.
DS20006266A-page 23
MCP6V66/6U/7/9
4.4.3
OFFSET VOLTAGE CORRECTION
Figure 4-13 shows MCP6V66 (U2) correcting the input
offset voltage of another op amp (U1). R2 and C2
integrate the offset error seen at U1’s input; the
integration needs to be slow enough to be stable (with
the feedback provided by R1 and R3). R4 and R5
attenuate the integrator’s output; this shifts the
integrator pole down in frequency.
FIGURE 4-13:
Offset Correction.
4.4.4
PRECISION COMPARATOR
Use high gain before a comparator to improve the
latter’s performance. Do not use MCP6V66/6U/7/9 as
a comparator by itself; the VOS correction circuitry does
not operate properly without a feedback loop.
FIGURE 4-14:
Precision Comparator.
U1
MCP6XXX
C2
R2
R1
R3
VDD/2
R4
VIN
VOUT
R2
VDD/2
R5
U2
MCP6V66
+
-
+
-
VIN
R3
R2
VDD/2
VOUT
R5
R4
R1
U1
MCP6V66
U2
MCP6541
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46