| データシートサーチシステム |
|
MCP47FVB01A0T-E/ST データシート(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FVB01A0T-E/ST データシート(HTML) 86 Page - Microchip Technology |
|
86 / 92 page ![]() MCP47FVBXX DS20005405A-page 86 2015 Microchip Technology Inc. C.11 Integral Nonlinearity (INL) The Integral Nonlinearity (INL) error is the maximum deviation of an actual transfer function from an ideal transfer function (straight line) passing through the defined end-points of the DAC transfer function (after offset and gain errors have been removed). In the MCP47FVBXX, INL is calculated using the defined end points, DAC code 100 and code 4000. INL can be expressed as a percentage of Full-Scale Range (FSR) or in LSb. INL is also called relative accuracy. Equation C-6 shows how to calculate the INL error in LSb and Figure C-4 shows an example of INL accuracy. Positive INL means higher VOUT voltage than ideal. Negative INL means lower VOUT voltage than ideal. EQUATION C-6: INL ERROR FIGURE C-4: INL Accuracy. C.12 Differential Nonlinearity (DNL) The Differential Nonlinearity (DNL) error (see Figure C-5) is the measure of step size between codes in actual transfer function. The ideal step size between codes is 1 LSb. A DNL error of zero would imply that every code is exactly 1 LSb wide. If the DNL error is less than 1 LSb, the DAC guarantees monotonic output and no missing codes. Equation C-7 shows how to calculate the DNL error between any two adjacent codes in LSb. EQUATION C-7: DNL ERROR FIGURE C-5: DNL Accuracy. Where: INL is expressed in LSb VCalc_Ideal = Code * VLSb(Measured) + VOS VOUT(Code = n) = The measured DAC output voltage with a given DAC register code VLSb(Measured) = For Measured: (VOUT(4000) - VOUT(100))/3900 VOS = Measured offset voltage EINL = ( VOUT - VCalc_Ideal ) VLSb(Measured) 010 001 000 Analog Output (LSb) DAC Input Code 011 111 100 101 1 2 3 4 5 6 0 7 110 Ideal Transfer Function Actual Transfer Function INL = < -1 LSb INL = 0.5 LSb INL = - 1 LSb Where: DNL is expressed in LSb VOUT(Code = n) = The measured DAC output voltage with a given DAC register code VLSb(Measured) = For Measured: (VOUT(4000) - VOUT(100))/3900 EDNL = - 1 ( VOUT(code = n+1) - VOUT(code = n) ) VLSb(Measured) 010 001 000 Analog Output (LSb) DAC Input Code 011 111 100 101 1 2 3 4 5 6 0 7 DNL = 2 LSb DNL = 0.5 LSb 110 Ideal Transfer Function Actual Transfer Function |