データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP48FVB01-E/UN データシート(PDF) 74 Page - Microchip Technology

部品番号 MCP48FVB01-E/UN
部品情報  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB01-E/UN データシート(HTML) 74 Page - Microchip Technology

Back Button MCP48FVB01-E/UN Datasheet HTML 70Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 71Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 72Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 73Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 74Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 75Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 76Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 77Page - Microchip Technology MCP48FVB01-E/UN Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
MCP48FVBXX
DS20005466A-page 74
 2015 Microchip Technology Inc.
10-Lead Plastic Micro Small Outline Package (UN) [MSOP]
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84