| データシートサーチシステム |
|
47LV-1A0R-R データシート(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LV-1A0R-R データシート(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 8 page ![]() MODEL: 47LV 47LV SPECIFICATIONS ES-9502 Rev.14 Page 8/8 https://www.m-system.co.jp/ • Input Terminal Assignments INPUT TYPE MEASURING INPUT (indicator) RANGE TERMINALS V200 ±200V 1 – 4 V10 ±10V V5 ±5V V1 ±1V V01 ±100mV 2 – 4 V001 ±10mV INPUT TYPE MEASURING INPUT (indicator) RANGE TERMINALS V0-5 0 – 5V 2 – 4 V1-5 1 – 5V A100 ±100mA 3 – 4 A1 ±1mA A0-2 0 – 20mA A4-2 4 – 20mA A2-2 ±2A A1-1 ±1A V700 ±700V A01 ±100μA Specifications are subject to change without notice. |