| データシートサーチシステム |
|
47LV-342R-R データシート(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LV-342R-R データシート(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 8 page ![]() MODEL: 47LV 47LV SPECIFICATIONS ES-9502 Rev.14 Page 4/8 https://www.m-system.co.jp/ EXTERNAL VIEW (4) Max/Min Button (5) Alarm/ Button (6) Scale/ Button (7) Shift Button (8) Up Button (1) Main Display (2) Alarm Indicators (3) Function Indicators Alarm/ Scale/ Max/Min Shift Up Zro HH H P L LL Spn D/P Tch Fnc Min Max • COMPONENT IDENTIFICATION No. COMPONENT FUNCTION (1) Main display Indicates present values, setting values and status of the unit. (2) Alarm indicators Indicate alarm status of the input signal. (3) Function indicators Indicate the status in each setting mode. (4) Max/Min button Used to switch the main display to show the present values, maximum values or minimum values etc. (5) Alarm/ button Used to con rm alarm setting value and to move on to the alarm and other setting modes; or to shift through setting items in each setting mode. (6) Scale/ button Used to move on to the scaling and other setting modes; or to shift through setting items in each setting mode. (7) Shift button Used to move on to the setting standby status of each setting mode and shift through display digits in each setting mode. (8) Up button Used to change setting values, to execute/cancel Forced Zero or to select setting values. Note: Refer to the operating manual for details on each function. |