| データシートサーチシステム |
|
47LT-162G-R データシート(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LT-162G-R データシート(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 8 page ![]() MODEL: 47LT 47LT SPECIFICATIONS ES-9512 Rev.11 Page 7/8 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 9 10 POWER U(+) V(–) LOAD Inductive Load (Coil) Varistor or CR Circuit • DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■ Relay Protection • AC Powered 17 15 16 ■ ALARM OUTPUT CODE 1: N.O. contact, 4 points Ry 20 18 19 Ry Ry Ry 9 10 POWER U(+) Lc (COM) Lb (NC) La (NO) Hc (COM) Hb (NC) Ha (NO) V(–) 17 15 16 ■ ALARM OUTPUT CODE 2: SPDT contact, 2 points Ry Ry 20 18 19 Lc, LLc LLa La Hc, HHc Ha HHa LL OUTPUT L OUTPUT H OUTPUT L OUTPUT H OUTPUT HH OUTPUT 9 10 POWER U(+) V(–) ■ ALARM OUTPUT CODE 0: No alarm output Digital Computation Display / Setting A/D Converter + – T/C comp. leadwire 1 3 2 5 6 4 + – CJC SENSOR DC OUTPUT 7 8 + – Isolation Output Driver Digital Computation Display / Setting A/D Converter + – T/C comp. leadwire 1 3 2 5 6 11 12 13 14 4 + – CJC SENSOR DC OUTPUT 7 8 + – Isolation Output Driver Digital Computation Display / Setting A/D Converter + – T/C comp. leadwire 1 3 2 5 6 11 12 13 14 4 + – CJC SENSOR DC OUTPUT 7 8 + – Isolation Output Driver *DO NOT loosen the screw of the terminal 3. Loosen only the terminals 1 – 2 when connecting extension wires. Note: The section enclosed by broken line is only with DC output option. * * * U |