| データシートサーチシステム |
|
47LM-152G-R データシート(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LM-152G-R データシート(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 7 page ![]() MODEL: 47LM 47LM SPECIFICATIONS ES-9504 Rev.12 Page 6/7 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 5 6 13 14 11 12 LOAD Inductive Load (Coil) Varistor or CR Circuit • DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■ Relay Protection • AC Powered ■ ALARM OUTPUT CODE 1: N.O. contact, 4 points Display / Setting 4 5 6 12 11 14 13 ■ ALARM OUTPUT CODE 2: SPDT contact, 2 points Display / Setting 4 1 5 6 9 10 POWER U(+) V(–) ■ ALARM OUTPUT CODE 0: No alarm output Digital Computation Display / Setting 2 3 4 + – Low Drift Amplifier 3 2 1 POTENTIOMETER max. min. Excitation Volt. Generator 1 2 3 + – Low Drift Amplifier 3 2 1 POTENTIOMETER max. min. Excitation Volt. Generator 1 2 3 + – Low Drift Amplifier 3 2 1 POTENTIOMETER max. min. Excitation Volt. Generator DC OUTPUT 7 8 + – Isolation Output Driver 9 10 POWER U(+) V(–) 17 15 16 Digital Computation Ry 20 18 19 Ry Ry Ry Lc, LLc LLa La Hc, HHc Ha HHa LL OUTPUT L OUTPUT H OUTPUT HH OUTPUT DC OUTPUT 7 8 + – Isolation Output Driver 9 10 POWER U(+) Lc (COM) Lb (NC) La (NO) Hc (COM) Hb (NC) Ha (NO) V(–) 17 15 16 Digital Computation Ry Ry 20 18 19 L OUTPUT H OUTPUT DC OUTPUT 7 8 + – Isolation Output Driver Note: The section enclosed by broken line is only with DC output option. U |