| データシートサーチシステム |
|
47LCT-1D2B-R データシート(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LCT-1D2B-R データシート(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 7 page ![]() MODEL: 47LCT 47LCT SPECIFICATIONS ES-9507 Rev.14 Page 6/7 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 9 10 POWER U(+) V(–) LOAD Inductive Load (Coil) Varistor or CR Circuit • DC Powered LOAD Inductive Load (Coil) Diode, Varistor or CR Circuit ■Relay Protection • AC Powered 17 15 16 ■ALARM OUTPUT CODE 1: N.O. contact, 4 points Ry 20 18 19 Ry Ry Ry 9 10 POWER U(+) Lc (COM) Lb (NC) La (NO) Hc (COM) Hb (NC) Ha (NO) V(–) 17 15 16 ■ALARM OUTPUT CODE 2: SPDT contact, 2 points Ry Ry 20 18 19 Lc, LLc LLa La Hc, HHc Ha HHa LL OUTPUT L OUTPUT H OUTPUT L OUTPUT H OUTPUT HH OUTPUT 9 10 POWER U(+) V(–) ■ALARM OUTPUT CODE 0: No alarm output Digital Computation Display / Setting A/D Converter 1 3 5 6 4 2 DC OUTPUT 7 8 + – Isolation Output Driver Digital Computation 1 2 3 5 6 11 12 13 14 4 DC OUTPUT 7 8 + – Isolation Output Driver Digital Computation 1 2 3 5 6 11 12 13 14 4 DC OUTPUT 7 8 + – Isolation Output Driver Display / Setting A/D Converter Display / Setting A/D Converter INPUT TRANSFORMER LOAD SOURCE k l CT L K INPUT TRANSFORMER LOAD SOURCE k l CT L K INPUT TRANSFORMER LOAD SOURCE k l CT L K Note: The section enclosed by broken line is only with DC output option. U |