| データシートサーチシステム |
|
48NAR-2GH6-R データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NAR-2GH6-R データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 9 page ![]() MODEL: 48NAR 48NAR SPECIFICATIONS ES-9432 Rev.12 Page 3/9 http://www.m-system.co.jp/ INSTALLATION Power Consumption •AC: Approx. 5.5 VA at 100 V with max. load Approx. 7 VA at 200 V with max. load Approx. 8 VA at 264 V with max. load •DC Approx. 3.5 W at 20.4 V with max. load Approx. 3.5 W at 24 V with max. load Approx. 3.5 W at 27.6 V with max. load Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Panel flush mounting Weight: 300 g (0.66 lb) PERFORMANCE in percentage of span Accuracy: ±1 % ±1 digit Temp. coefficient: ±0.015 % of FS/°C (±0.008 % of FS/°F) Response time: ≤ 0.5 sec. Burnout response: ≤ 10 sec. Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (output) Installation Category II (power) Pollution Degree 2 Input to output to power: Reinforced insulation (300 V) RoHS Directive EN 50581 |