| データシートサーチシステム |
|
47LT-1A0YR-M2/Q データシート(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LT-1A0YR-M2/Q データシート(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 8 page ![]() MODEL: 47LT 47LT SPECIFICATIONS ES-9512 Rev.11 Page 3/8 https://www.m-system.co.jp/ Output: ± 0.15 % (DC output = display + output) Cold junction compensation error: ±3°C at 25 ±10°C ±5.4°F at 77 ±18°F Temp. coefficient: ±0.015%/°C (±0.008%/°F) when the input range is set to the maximum span. Input resolution: Max. 16 bits Output resolution: Max. 13 bits Response time: ≤ 0.5 sec. (alarm output: 0 – 100 % at 90 % setpoint) ≤ 0.5 sec. (DC output: 0 – 90 %) Burnout response: ≤ 15 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (input to DC output to HH output or H output to L output or LL output to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (alarm output) Installation Category II (power) Pollution degree 2 Input or DC output to alarm output to power: Reinforced insulation (300 V) Input to DC output: Basic insulation (300 V) RoHS Directive Protection against access to the terminal blocks: Finger protection (VDE 0660-514) |