| データシートサーチシステム |
|
48NAVA-2RHB3-R データシート(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NAVA-2RHB3-R データシート(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 9 page ![]() MODEL: 48NAVA 48NAVA SPECIFICATIONS ES-9442 Rev.11 Page 8/9 http://www.m-system.co.jp/ PANEL CUTOUT unit: mm 138 +1 –0 164 min. Note 1: Observe at the minimum of 3 cm above and below the units for heat dissipation. Note 2: No bezel is needed when the panel is cut according to the above drawings. Panel thickness: 1.6 – 8.0 mm Panel thickness: 1.6 – 8.0 mm • Vertical Mounting • Horizontal Mounting ■ SINGLE MOUNTING (Conform to degree of protection IP65) 138 +1 –0 L 138 +1 –0 164 min. Panel thickness: 1.6 – 8.0 mm L = {31.5 + 36 × (N – 1)} (N : number of units) Panel thickness: 1.6 – 8.0 mm L = {31.5 + 36 × (N – 1)} (N : number of units) +1 –0 +1 –0 • Vertical Mounting • Horizontal Mounting ■ CLUSTERED MOUNTING (Not conform to degree of protection IP65) 138 +1 –0 61.5 min. 31.5 +1 –0 |