データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN54LS138-SP データシート(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN54LS138-SP
部品情報  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN54LS138-SP データシート(HTML) 13 Page - Texas Instruments

Back Button SN54LS138-SP Datasheet HTML 9Page - Texas Instruments SN54LS138-SP Datasheet HTML 10Page - Texas Instruments SN54LS138-SP Datasheet HTML 11Page - Texas Instruments SN54LS138-SP Datasheet HTML 12Page - Texas Instruments SN54LS138-SP Datasheet HTML 13Page - Texas Instruments SN54LS138-SP Datasheet HTML 14Page - Texas Instruments SN54LS138-SP Datasheet HTML 15Page - Texas Instruments SN54LS138-SP Datasheet HTML 16Page - Texas Instruments SN54LS138-SP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS138DR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
SN74LS138NSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Dec-2020
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22