データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M19X-LXRW-059 データシート(PDF) 17 Page - Murata Manufacturing Co., Ltd

部品番号 M19X-LXRW-059
部品情報  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 データシート(HTML) 17 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p17/18
17
September,2018
8. Operational Environment Conditions:
Products are designed to work for electronic products under normal environmental conditions
(ambient temperature, humidity and pressure).
Therefore, products have no problems to be used
under the similar conditions to the above-mentioned.
However, if products are used under the
following circumstances, it may damage products and leakage of electricity and abnormal temperature
may occur.
- In an atmosphere containing corrosive gas ( Cl2, NH3, SOx, NOx etc.).
- In an atmosphere containing combustible and volatile gases.
-
In a dusty environment.
-
Direct sunlight
- Water splashing place.
- Humid place where water condenses.
- In a freezing environment.
If there are possibilities for products to be used under the preceding clause, consult with Murata
before actual use.
If product malfunctions may result in serious damage, including that to human life, sufficient fail-safe
measures must be taken, including the following:
(1) Installation of protection circuits or other protective device to improve system safety
(2) Installation of redundant circuits in the case of single-circuit failure
9. Limitation of Applications:
The products are designed and produced for application in ordinary electronic equipment
(AV equipment, OA equipment, telecommunication, etc). If the products are to be used in devices
requiring extremely high reliability following the application listed below, you should consult with the
Murata staff in advance.
- Aircraft equipment.
- Aerospace equipment
- Undersea equipment.
- Power plant control equipment.
- Medical equipment.
- Transportation equipment (vehicles, trains, ships, etc.).
- Traffic signal equipment.
- Disaster prevention / crime prevention equipment.
- Data-procession equipment.
- Application which malfunction or operational error may endanger human life and property of assets.
- Application which related to occurrence the serious damage
- Application of similar complexity and/ or reliability requirements to the applications listed in the
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18