データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP48FVB24 データシート(PDF) 94 Page - Microchip Technology

部品番号 MCP48FVB24
部品情報  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB24 データシート(HTML) 94 Page - Microchip Technology

Back Button MCP48FVB24 Datasheet HTML 90Page - Microchip Technology MCP48FVB24 Datasheet HTML 91Page - Microchip Technology MCP48FVB24 Datasheet HTML 92Page - Microchip Technology MCP48FVB24 Datasheet HTML 93Page - Microchip Technology MCP48FVB24 Datasheet HTML 94Page - Microchip Technology MCP48FVB24 Datasheet HTML 95Page - Microchip Technology MCP48FVB24 Datasheet HTML 96Page - Microchip Technology MCP48FVB24 Datasheet HTML 97Page - Microchip Technology MCP48FVB24 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 94
 2020 Microchip Technology Inc.
0.20 C
0.20 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-139C (MQ) Sheet 1 of 2
2X
20X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
20-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5x1.0 mm Body [VQFN]
D
E
B
A
D2
E2
K
20X b
e
L
(A3)
A
A1
With 0.40 mm Contact Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More