データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP48FVB18 データシート(PDF) 75 Page - Microchip Technology

部品番号 MCP48FVB18
部品情報  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB18 データシート(HTML) 75 Page - Microchip Technology

Back Button MCP48FVB18 Datasheet HTML 71Page - Microchip Technology MCP48FVB18 Datasheet HTML 72Page - Microchip Technology MCP48FVB18 Datasheet HTML 73Page - Microchip Technology MCP48FVB18 Datasheet HTML 74Page - Microchip Technology MCP48FVB18 Datasheet HTML 75Page - Microchip Technology MCP48FVB18 Datasheet HTML 76Page - Microchip Technology MCP48FVB18 Datasheet HTML 77Page - Microchip Technology MCP48FVB18 Datasheet HTML 78Page - Microchip Technology MCP48FVB18 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 75
MCP48FXBX4/8
6.0
SPI SERIAL INTERFACE
MODULE
The MCP48FXBX4/8 devices’ SPI serial interface
module supports the SPI serial protocol specification.
The command format and waveforms for the
MCP48FXBX4/8 are defined in Section 7.0 “SPI
Device Commands”.
6.1
Overview
This
section
discusses
some
of
the
specific
characteristics of the MCP48FXBX4/8’s serial interface
module.
The following sections discuss some of these
device-specific characteristics:
• SPI Serial Interface
• Interface Pins (CS, SCK, SDI, SDO and
LAT/HVC)
• Communication Data Rates
• POR/BOR
6.2
SPI Serial Interface
The MCP48FXBX4/8 devices support the SPI serial
protocol. This SPI operates in Slave mode (does not
generate the serial clock).
The SPI interface uses up to four pins. These are:
•CS – Chip Select
• SCK – Serial Clock
• SDI – Serial Data In (MOSI)
• SDO – Serial Data Out (MISO)
Typical SPI interfaces are shown in Figure 6-1. In the
SPI interface, the master’s output pin is connected to
the slave’s input pin, and the master’s input pin is
connected to the slave’s output pin.
FIGURE 6-1:
Typical SPI Interface Block
Diagram.
The MCP48FXBX4/8 SPI’s module supports two (of
the four) standard SPI modes. These are Mode 0,0
and 1,1. The SPI mode is determined by the state of
the SCK pin (VIH or VIL) when the CS pin transitions
from inactive (VIH) to active (VIL).
An additional HVC pin is available for High-Voltage
Command support. High-Voltage Commands allow the
device to enable and disable nonvolatile Configuration
bits. Without a high voltage present, those bits are
inhibited from being modified.
The HVC pin is high-voltage tolerant. To enter a High-
Voltage Command, the HVC pin must be greater than
the VIHH voltage.
6.2.1
SPI MODES
The SPI module supports two (of the four) standard
SPI modes. These are Mode 0,0 and 1,1. The mode is
determined by the state of the SDI pin on the rising
edge of the first clock bit (of the 8-bit byte).
6.2.1.1
Mode 0,0
In Mode 0,0:
• SCK Idle state = low (VIL)
• Data are clocked in on the SDI pin on the rising
edge of SCK
• Data are clocked out on the SDO pin on the falling
edge of SCK
6.2.1.2
Mode 1,1
In Mode 1,1:
• SCK Idle state = high (VIH)
• Data are clocked in on the SDI pin on the rising
edge of SCK
• Data are clocked out on the SDO pin on the falling
edge of SCK
6.3
Interface Pins (CS, SCK, SDI, SDO
and LAT/HVC)
The operation of the five interface pins and the High-
Voltage Command (HVC) pin is discussed in this
section. The pins are:
• SDI (Serial Data In)
• SDO (Serial Data Out)
• SCK (Serial Clock)
•CS (Chip Select)
•LAT/HVC (High-Voltage Command)
The serial interface works on either 8-bit or 24-bit
boundaries depending on the selected command. The
Chip Select (CS) pin frames the SPI commands.
MCP48FXBXX
Host
Controller
Typical SPI Interface Connections
Other Devices
(Master)
(Slave)
SDI
SDO
SDO
SDI
CS
GPIO
SCK
SCK
LAT/HVC
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More