| データシートサーチシステム |
|
HCS08 データシート(PDF) 175 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 175 Page - NXP Semiconductors |
|
175 / 374 page ![]() MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 175 11.7 Initialization/Application Information Figure 11-11. IIC Module Quick Start Module Initialization (Slave) 1. Write: IICC2 — to enable or disable general call — to select 10-bit or 7-bit addressing mode 2. Write: IICA — to set the slave address 3. Write: IICC1 — to enable IIC and interrupts 4. Initialize RAM variables (IICEN = 1 and IICIE = 1) for transmit data 5. Initialize RAM variables used to achieve the routine shown in Figure 11-12 Module Initialization (Master) 1. Write: IICF — to set the IIC baud rate (example provided in this chapter) 2. Write: IICC1 — to enable IIC and interrupts 3. Initialize RAM variables (IICEN = 1 and IICIE = 1) for transmit data 4. Initialize RAM variables used to achieve the routine shown in Figure 11-12 5. Write: IICC1 — to enable TX 0 IICF IICA Baud rate = BUSCLK / (2 x MULT x (SCL DIVIDER)) TX TXAK RSTA 0 0 IICC1 IICEN IICIE MST Module configuration ARBL 0 SRW IICIF RXAK IICS TCF IAAS BUSY Module status flags Register Model AD[7:1] When addressed as a slave (in slave mode), the module responds to this address MULT ICR IICD DATA Data register; Write to transmit IIC data read to read IIC data 0 AD10 AD9 AD8 IICC2 GCAEN ADEXT Address configuration 0 0 |