| データシートサーチシステム |
|
HCS08 データシート(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 42 Page - NXP Semiconductors |
|
42 / 374 page ![]() Chapter 4 Memory MC9S08JM60 Series Data Sheet, Rev. 5 42 Freescale Semiconductor Figure 4-1. MC9S08JM60 Series Memory Map 4.1.1 Reset and Interrupt Vector Assignments Figure 4-1 shows address assignments for reset and interrupt vectors. The vector names shown in this table are the labels used in the Freescale-provided equate file for the MC9S08JM60 series. For more details about resets, interrupts, interrupt priority, and local interrupt mask controls, refer to Chapter 5, “Resets, Interrupts, and System Configuration.” Table 4-1. Reset and Interrupt Vectors Address (High/Low) Vector Vector Name 0xFFC0:0xFFC1 to 0xFFC2:FFC3 Unused Vector Space 0xFFC4:FFC5 RTC Vrtc 0xFFC6:FFC7 IIC Viic 0xFFC8:FFC9 ACMP Vacmp DIRECT PAGE REGISTERS RAM FLASH HIGH PAGE REGISTERS 4096 BYTES 1872 BYTES 0x0000 0x00AF 0x00B0 0x10AF 0x1800 0x17FF 0x185F 0xFFFF 0x10B0 MC9S08JM60 FLASH 59,088 BYTES MC9S08JM32 DIRECT PAGE REGISTERS RAM UNIMPLEMENTED HIGH PAGE REGISTERS 2048 BYTES 3936 BYTES 0xFFFF FLASH 32,768 BYTES 0x7FFF 0x8000 0x1860 0x195F 0x1960 USB RAM — 256 BYTES USB RAM — 256 BYTES UNIMPLEMENTED 0x08AF 0x08B0 0x185F 0x1860 0x195F 0x1960 0x0000 0x00AF 0x00B0 0x1800 0x17FF 96 BYTES 96 BYTES |