データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 213 Page - NXP Semiconductors

部品番号 HCS08
部品情報  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 データシート(HTML) 213 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 209Page - NXP Semiconductors HCS08 Datasheet HTML 210Page - NXP Semiconductors HCS08 Datasheet HTML 211Page - NXP Semiconductors HCS08 Datasheet HTML 212Page - NXP Semiconductors HCS08 Datasheet HTML 213Page - NXP Semiconductors HCS08 Datasheet HTML 214Page - NXP Semiconductors HCS08 Datasheet HTML 215Page - NXP Semiconductors HCS08 Datasheet HTML 216Page - NXP Semiconductors HCS08 Datasheet HTML 217Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 374 page
background image
Real-Time Counter (S08RTCV1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
213
13.1.1
Features
Features of the RTC module include:
•
8-bit up-counter
— 8-bit modulo match limit
— Software controllable periodic interrupt on match
•
Three software selectable clock sources for input to prescaler with selectable binary-based and
decimal-based divider values
— 1 kHz internal low-power oscillator (LPO)
— External clock (ERCLK)
— 32 kHz internal clock (IRCLK)
13.1.2
Modes of Operation
This section defines the operation in stop, wait and background debug modes.
13.1.2.1
Wait Mode
The RTC continues to run in wait mode if enabled before executing the appropriate instruction. Therefore,
the RTC can bring the MCU out of wait mode if the real-time interrupt is enabled. For lowest possible
current consumption, the RTC should be stopped by software if not needed as an interrupt source during
wait mode.
13.1.2.2
Stop Modes
The RTC continues to run in stop2 or stop3 mode if the RTC is enabled before executing the STOP
instruction. Therefore, the RTC can bring the MCU out of stop modes with no external components, if the
real-time interrupt is enabled.
The LPO clock can be used in stop2 and stop3 modes. ERCLK and IRCLK clocks are only available in
stop3 mode.
Power consumption is lower when all clock sources are disabled, but in that case, the real-time interrupt
cannot wake up the MCU from stop modes.
13.1.2.3
Active Background Mode
The RTC suspends all counting during active background mode until the microcontroller returns to normal
user operating mode. Counting resumes from the suspended value as long as the RTCMOD register is not
written and the RTCPS and RTCLKS bits are not altered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com