| データシートサーチシステム |
|
HCS08 データシート(PDF) 107 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 107 Page - NXP Semiconductors |
|
107 / 374 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 107 7.4.5 BGND Instruction The BGND instruction is new to the HCS08 compared to the M68HC08. BGND would not be used in normal user programs because it forces the CPU to stop processing user instructions and enter the active background mode. The only way to resume execution of the user program is through reset or by a host debug system issuing a GO, TRACE1, or TAGGO serial command through the background debug interface. Software-based breakpoints can be set by replacing an opcode at the desired breakpoint address with the BGND opcode. When the program reaches this breakpoint address, the CPU is forced to active background mode rather than continuing the user program. |