| データシートサーチシステム |
|
HCS08 データシート(PDF) 115 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 115 Page - NXP Semiconductors |
|
115 / 374 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 115 SUB #opr8i SUB opr8a SUB opr16a SUB oprx16,X SUB oprx8,X SUB ,X SUB oprx16,SP SUB oprx8,SP Subtract A ← (A) – (M) IMM DIR EXT IX2 IX1 IX SP2 SP1 A0 B0 C0 D0 E0 F0 9E D0 9E E0 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 pp rpp prpp prpp rpp rfp pprpp prpp –– SWI Software Interrupt PC ← (PC) + $0001 Push (PCL); SP ← (SP) – $0001 Push (PCH); SP ← (SP) – $0001 Push (X); SP ← (SP) – $0001 Push (A); SP ← (SP) – $0001 Push (CCR); SP ← (SP) – $0001 I ← 1; PCH ← Interrupt Vector High Byte PCL ← Interrupt Vector Low Byte INH 83 11 sssssvvfppp – – 1 – – – TAP Transfer Accumulator to CCR CCR ← (A) INH 84 1 p TAX Transfer Accumulator to X (Index Register Low) X ← (A) INH 97 1 p – – – – – – TPA Transfer CCR to Accumulator A ← (CCR) INH 85 1 p – – – – – – TST opr8a TSTA TSTX TST oprx8,X TST ,X TST oprx8,SP Test for Negative or Zero (M) – $00 (A) – $00 (X) – $00 (M) – $00 (M) – $00 (M) – $00 DIR INH INH IX1 IX SP1 3D 4D 5D 6D 7D 9E 6D dd ff ff 4 1 1 4 3 5 rfpp p p rfpp rfp prfpp 0 – – – TSX Transfer SP to Index Reg. H:X ← (SP) + $0001 INH 95 2 fp – – – – – – TXA Transfer X (Index Reg. Low) to Accumulator A ← (X) INH 9F 1 p – – – – – – Table 7-2. . Instruction Set Summary (Sheet 8 of 9) Source Form Operation Object Code Cyc-by-Cyc Details Affect on CCR VH I N Z C |